Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2507 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2507 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB2507 Datasheet HTML 5Page - Microchip Technology USB2507 Datasheet HTML 6Page - Microchip Technology USB2507 Datasheet HTML 7Page - Microchip Technology USB2507 Datasheet HTML 8Page - Microchip Technology USB2507 Datasheet HTML 9Page - Microchip Technology USB2507 Datasheet HTML 10Page - Microchip Technology USB2507 Datasheet HTML 11Page - Microchip Technology USB2507 Datasheet HTML 12Page - Microchip Technology USB2507 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2007 - 2016 Microchip Technology Inc.
DS000002251A-page 9
USB2507
Port 4 Amber LED
&
LED Enable
strapping option
AM4/
LED_EN
I/O12
Amber indicator LED for port 4. Will be active low when LED
support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
this pin will be sampled at RESET_N negation to determine
if LED support is enabled or disabled. Also, the active state
of the LED will be determined as follows:
‘0’ = LED support is disabled, LED is inactive
‘1’ = LED Support is enabled, LED is active low.
Port 3 Amber LED
AM3
I/O12
Amber indicator LED for port 3. Signal will be active low.
Port 2 Amber LED
&
MTT Disable
AM2/
MTT_EN
I/O12
Amber indicator LED for port 2. Will be active low when LED
support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
this pin will be sampled at RESET_N negation to determine
if MTT support is disabled (STT only). Also, the active state
of the LED will be determined as follows:
‘0’ = MTT support is disabled, LED is active high
‘1’ = MTT support is enabled, LED is active low.
Port 1 Amber LED
&
Gang Power
Switching and
Current Sensing
strapping option.
AM1/
GANG_EN
I/O12
Amber indicator LED for port 1, Will be active low when LED
support is enabled via EEPROM or SMBus.
If the hub is configured by the internal default configuration,
this pin will be sampled at RESET_N negation to determine
if downstream port power switching and current sensing are
ganged, or individual port-by-port. Also, the active state of the
LED will be determined as follows:
‘0’ = Port-by-port sensing & switching, LED is active high
‘1’ = Ganged sensing & switching, LED is active low.
Port Power Polarity
strapping.
PRTPWR_POL
I/O12
Port Power Polarity strapping determination for the active
signal polarity of the 7:1PRTPWR pins.
While RESET_N is asserted, the logic state of this pin will
(though the use of internal combinatorial logic) determine the
active state of the 7:1PRTPWR pins in order to ensure that
downstream port power is not inadvertently enabled to
inactive ports during a hardware reset.
On the rising edge of RESET_N (see the applicable
RESET_N timing table in Section 5.6.1), the logic value will
be latched internally, and will retain the active signal polarity
for the PRTPWR7:1 pin.
‘1’ = PRTPWR7:1 pins have an active ‘high’ polarity
‘0’ = PRTPWR7:1 pins have an active ‘low’ polarity
Over Current
Sense
OCS7:1_N
IPU
Input from external current monitor indicating an over-current
condition. {Note: Contains internal pull-up to 3.3V supply}
USB Transceiver
Bias
RBIAS
I-R
A 12.0k
 (resistor is attached from ground to this pin
to set the transceiver’s internal bias settings.
TABLE 4-1:
7-PORT HUB PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com