Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet (PDF) - SMSC Corporation

USB2502 Datasheet PDF - SMSC Corporation
Part # USB2502
Download  USB2502 Download
File Size   1121.13 Kbytes
Page   44 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 2-Port USB 2.0 Hub Controller

USB2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2502 Datasheet PDF - SMSC Corporation

Part # USB2502
Download  USB2502 Click to download

File Size   1121.13 Kbytes
Page   44 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 2-Port USB 2.0 Hub Controller

USB2502 Datasheet (HTML) - SMSC Corporation


USB2502 Product details

General Description

The SMSC 2-Port Hub is fully compliant with the USB 2.0 Specification and will attach to a USB host as a Full-Speed Hub or as a Full-/High-Speed Hub.The 2-Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled downstream ports.



PRODUCT FEATURES

Integrated USB 2.0 Compatible 2-Port Hub

— High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and Low-Speed (1.5Mbits/s) compatible

— Full power management with ganged power control

— Detects Bus-Power/Self-Power source and changes mode automatically

Complete USB Specification 2.0 Compatibility

— Includes USB 2.0 Transceivers

VID/PID/DID, and Port Configuration for Hub via:

— Single Serial I2C EEPROM

— SMBus Slave Port

Default VID/PID/DID, allows functionality when configuration EEPROM is absent

Hardware Strapping options allow for configuration without an external EEPROM or SMBus Host

On-Board 24MHz Crystal Driver Circuit or 24 MHz external clock driver

Internal PLL for 480MHz USB 2.0 Sampling

Internal 1.8V Linear Voltage Regulator

Integrated USB termination and Pull-up/Pull-down resistors

Internal Short Circuit protection of USB differential signal pins

Basic single-color LED support

1.8 Volt Low Power Core Operation

3.3 Volt I/O with 5V Input Tolerance

36 Pin QFN or 48 Pin TQFP lead-free RoHS compliant package




Similar Part No. - USB2502

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2502-AEZG MICROCHIP-USB2502-AEZG Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2502-AEZG-TR MICROCHIP-USB2502-AEZG-TR Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2502-HT MICROCHIP-USB2502-HT Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
More results


Similar Description - USB2502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com