Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1063 Datasheet (PDF) - SMSC Corporation

EMC1063 Datasheet PDF - SMSC Corporation
Part # EMC1063
Download  EMC1063 Download
File Size   551.1 Kbytes
Page   26 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 1C Triple Temperature Sensor with Hotter of Two Zones

EMC1063 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC1063 Datasheet PDF - SMSC Corporation

Part # EMC1063
Download  EMC1063 Click to download

File Size   551.1 Kbytes
Page   26 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 1C Triple Temperature Sensor with Hotter of Two Zones

EMC1063 Datasheet (HTML) - SMSC Corporation


EMC1063 Product details

General Description
The EMC1063 is a family of System Management Bus (SMBus) temperature sensors that monitors three temperature zones, one internal diode and two externally connected diodes. The EMC1063 is specifically designed to operate with AMD processor diodes. Alternately, the External Diode 2 channel can be configured to measure a standard thermal diode (such as a 2N3904) with Resistive Error Correction active.

Features
■ Designed to Operate with AMD Processor Diodes
■ Supports two External Temperature Diodes
    — ±1°C Accuracy (40°C to 80°C)
    — 0.125°C Resolution
    — Ideality Factor Configuration
    — Accepts 2200pF Cap Across External Diodes for Noise Suppression
    — Optional Resistive Error Correction on External Diode 2
■ Internal Temperature Diode
    — ±3°C Accuracy (0°C to 85°C)
    — 0.125°C Resolution
■ Low Power Operation
    — 4uA Standby Current
■ 3.0V to 3.6V Supply
■ Programmable Conversion Rate
■ SMBus 2.0 Compliant
    — Four SMBus Address Available
■ Reports Hotter of Two Diodes with Dual-core CPU

Applications
■ Desktop and Notebook Computers
■ Hardware Management
■ Servers
■ Embedded Applications




Similar Part No. - EMC1063

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1063 MICROCHIP-EMC1063 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC1063 MICROCHIP-EMC1063 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1063-1-ACZL-TR SMSC-EMC1063-1-ACZL-TR Datasheet
410Kb / 26P
1째C Triple Temperature Sensor
EMC1063-2-ACZL-TR SMSC-EMC1063-2-ACZL-TR Datasheet
410Kb / 26P
1째C Triple Temperature Sensor
EMC1063-3-ACZL-TR SMSC-EMC1063-3-ACZL-TR Datasheet
410Kb / 26P
1째C Triple Temperature Sensor
More results


Similar Description - EMC1063

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMCT03 SMSC-EMCT03 Datasheet
201Kb / 3P
1C TRIPLE SMBUS TEMPERATURE SENSOR
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1043 SMSC-EMC1043_07 Datasheet
593Kb / 29P
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1422 SMSC-EMC1422 Datasheet
638Kb / 36P
1C Temperature Sensor with Hardware Thermal Shutdown
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com