Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1063 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1063
Description  1C Triple Temperature Sensor with Hotter of Two Zones
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1063 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1063 Datasheet HTML 3Page - SMSC Corporation EMC1063 Datasheet HTML 4Page - SMSC Corporation EMC1063 Datasheet HTML 5Page - SMSC Corporation EMC1063 Datasheet HTML 6Page - SMSC Corporation EMC1063 Datasheet HTML 7Page - SMSC Corporation EMC1063 Datasheet HTML 8Page - SMSC Corporation EMC1063 Datasheet HTML 9Page - SMSC Corporation EMC1063 Datasheet HTML 10Page - SMSC Corporation EMC1063 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1°C Triple Temperature Sensor with Hotter of Two Zones
Datasheet
SMSC EMC1063
7
Revision 1.37 (02-05-07)
DATASHEET
Chapter 2 Electrical Specifications
2.1
Absolute Maximum Ratings
Note: Stresses above those listed could cause damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation
sections of this specification is not implied. When powering this device from laboratory or
system power supplies, it is important that the Absolute Maximum Ratings not be exceeded or
device failure can result. Some power supplies exhibit voltage spikes on their outputs when the
AC power is switched on or off. In addition, voltage transients on the AC power line may appear
on the DC output. If this possibility exists, it is suggested that a clamp circuit be used.
2.2
Electrical Specifications
Table 2.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage VDD
-0.3 to 5.0
V
Voltage on SMDATA and SMCLK pins
-0.3 to 5.5
V
Voltage on any other pin
-0.3 to VDD+0.3
V
Operating Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
Lead Temperature Range
Refer to JEDEC
Spec. J-STD-020
Package Thermal Characteristics for MSOP-8
Thermal Resistance TJA(at 0 air flow)
135.9
°C/W
ESD Rating, All Pins Human Body Model
2000
V
Table 2.2 Electrical Characteristics
VDD=3.0V to 3.6V, TA= 0°C to +85°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
340
400
μA
4 conversions/s
See Table 4.4.
ISTBY
24
μA
Standby mode
Internal Temperature Monitor
Temperature Accuracy
± 1
± 3
°C0°C≤TA≤85°C
Temperature Resolution
0.125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com