Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet (PDF) - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet PDF - Skyworks Solutions Inc.
Part # SI53112-A00AGM
Download  SI53112-A00AGM Download
File Size   1372.37 Kbytes
Page   35 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER

SI53112-A00AGM Datasheet (PDF)

Go To PDF Page Download Datasheet
SI53112-A00AGM Datasheet PDF - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Download  SI53112-A00AGM Click to download

File Size   1372.37 Kbytes
Page   35 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER

SI53112-A00AGM Datasheet (HTML) - Skyworks Solutions Inc.


SI53112-A00AGM Product details

Features
 Twelve 0.7 V low-power, pushpull,
HCSL-compatible
PCIe Gen 3 outputs
 Individual OE HW pins for each
output clock
 100 MHz /133 MHz PLL
operation, supports PCIe and
QPI
 PLL bandwidth SW SMBUS
programming overrides the latch
value from HW pin
 9 selectable SMBUS addresses
 SMBus address configurable to
allow multiple buffers in a single
control network 3.3 V supply
voltage operation
 PLL or bypass mode
 Spread spectrum tolerable
 1.05 to 3.3 V I/O supply voltage
 50 ps output-to-output skew
 50 ps cyc-cyc jitter (PLL mode)
 Low phase jitter (Intel QPI, PCIe
Gen 1/2/3/4 common clock
compliant)
 Gen 3 SRNS Compliant
 100 ps input-to-output delay
 Extended Temperature:
–40 to 85 °C
 Package: 64-pin QFN
 For higher output devices or
variations of this device, contact
Skyworks Solutions




Similar Part No. - SI53112-A00AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results


Similar Description - SI53112-A00AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com