Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SI53112-A00AGM Datasheet HTML 1Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 2Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 3Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 4Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 5Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 6Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Si53112
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Features
Applications
Description
The Si53112 is a low-power, 12-output, differential clock buffer that meets
all of the performance requirements of the Intel DB1200ZL specification.
The device is optimized for distributing reference clocks for Intel® Quick-
Path Interconnect (Intel QPI), PCIe Gen 1/Gen 2/Gen 3/Gen 4, SAS,
SATA, and Intel Scalable Memory Interconnect (Intel SMI) applications.
The VCO of the device is optimized to support 100 MHz and 133 MHz
operation. Each differential output has a dedicated hardware output
enable pin for maximum flexibility and power savings. Measuring PCIe
clock jitter is quick and easy with the Skyworks Solutions PCIe Clock Jit-
ter Tool. Download it for free at https://www.skyworksinc.com/en/applica-
tion-pages/pci-express-learning-center.
Twelve 0.7 V low-power, push-
pull, HCSL-compatible
PCIe Gen 3 outputs
Individual OE HW pins for each
output clock
100 MHz /133 MHz PLL
operation, supports PCIe and
QPI
PLL bandwidth SW SMBUS
programming overrides the latch
value from HW pin
9 selectable SMBUS addresses
SMBus address configurable to
allow multiple buffers in a single
control network 3.3 V supply
voltage operation
PLL or bypass mode
Spread spectrum tolerable
1.05 to 3.3 V I/O supply voltage
50 ps output-to-output skew
50 ps cyc-cyc jitter (PLL mode)
Low phase jitter (Intel QPI, PCIe
Gen 1/2/3/4 common clock
compliant)
Gen 3 SRNS Compliant
100 ps input-to-output delay
Extended Temperature:
–40 to 85 °C
Package: 64-pin QFN
For higher output devices or
variations of this device, contact
Skyworks Solutions
Server
Storage
Datacenter
Enterprise Switches and Routers
Patents pending
Ordering Information:
See page 30.


Similar Part No. - SI53112-A00AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGM SKYWORKS-SI53112-A03AGM Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112-A03AGMR SKYWORKS-SI53112-A03AGMR Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

Similar Description - SI53112-A00AGM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com