Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGM Datasheet HTML 9Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 10Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 17Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
13
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
2.5.1. PWRDN Assertion
When PWRDN is sampled low by two consecutive rising edges of DIF, all differential outputs must be held
LOW/LOW on the next DIF high-to-low transition.
Figure 1. PWRDN Assertion
2.5.2. PWRGD Assertion
The power-up latency is to be less than 1.8 ms. This is the time from a valid CLK_IN input clock and the assertion
of the PWRGD signal to the time that stable clocks are output from the device (PLL locked). All differential outputs
stopped in a LOW/LOW condition resulting from power down must be driven high in less than 300 µs of PWRDN
deassertion to a voltage greater than 200 mV.
Figure 2. PWRDG Assertion (Pwrdown—Deassertion)
PWRDWN
DIF
DIF
Tstable
<1.8 ms
Tdrive_Pwrdn#
<300 µs; > 200 mV
DIF
DIF
PWRDWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com