Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 23 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 23 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGM Datasheet HTML 19Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 20Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 21Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 22Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 23Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 24Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 25Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 26Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 27Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
23
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Table 21. Byte 4: Reserved Control Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Output(s)
Affected
0
Reserved
0
1
Reserved
0
2
Reserved
0
3
Reserved
0
4
Reserved
0
5
Reserved
0
6
Reserved
0
7
Reserved
0
Table 22. Byte 5: Vendor/Revision Identification Control Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Default
0
Vendor ID Bit 0
R
Vendor Specific
0
1
Vendor ID Bit 1
R
Vendor Specific
0
2
Vendor ID Bit 2
R
Vendor Specific
0
3
Vendor ID Bit 3
R
Vendor Specific
1
4
Revision Code Bit 0
R
Vendor Specific
0
5
Revision Code Bit 1
R
Vendor Specific
0
6
Revision Code Bit 2
R
Vendor Specific
0
7
Revision Code Bit 3
R
Vendor Specific
0
Table 23. Byte 6: Device ID Control Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Default
0
Device ID 0
R
0
1
Device ID 1
R
0
2
Device ID 2
R
0
3
Device ID 3
R
0
4
Device ID 4
R
0
5
Device ID 5
R
0
6
Device ID 6
R
0
7
Device ID 7 (MSB)
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com