Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 28 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 28 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGM Datasheet HTML 24Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 25Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 26Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 27Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 28Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 29Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 30Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 31Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 32Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Si53112
28
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
24
VDD
3.3 V 3.3 V power supply for outputs.
25
VDD_IO
VDD Power supply for differential outputs.
26
DIF_2
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
27
DIF_2
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
28
OE_2
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
29
OE_3
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
30
DIF_3
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
31
DIF_3
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
32
VDD_IO
VDD Power supply for differential outputs.
33
GND
GND Ground for outputs.
34
DIF_4
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
35
DIF_4
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
36
OE_4
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
37
OE_5
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
38
DIF_5
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
39
DIF_5
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
40
VDD
3.3 V 3.3 V power supply for outputs.
41
GND
GND Ground for outputs.
42
DIF_6
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
43
DIF_6
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
44
OE_6
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
45
OE_7
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
46
DIF_7
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
47
DIF_7
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
48
GND
GND Ground for outputs.
49
VDD_IO
VDD Power supply for differential outputs.
50
DIF_8
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
Table 25. Si53112 64-Pin QFN Descriptions
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com