Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 20 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 20 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGM Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 17Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 18Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 19Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 20Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 21Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 22Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 23Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 24Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Si53112
20
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
4.3. Control Registers
Note: Byte 0, bit_[3:1] are BW PLL SW enable for the DB1200ZL. Setting bit 3 to 1 allows the user to override the Latch value
from pin 5 via use of bits 2 and 1. Use the values from the PLL Operating Mode Readback Table. Note that Bits 7 and 6
will keep the value originally latched on pin 5. A warm reset of the system will have to be accomplished if the user
changes these bits.
Table 17. Byte 0: Frequency Select, Output Enable, PLL Mode Control Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Output(s)
Affected
0
100M_133M#
Frequency Select
133 MHz
100 MHz
R
Latched at
power up
DIF[11:0]
1
PLL Mode 0
See PLL Operating Mode
Readback Table
RW
1
2
PLL Mode 1
RW
1
3
PLL Software Enable
HW Latch
SMBUS
Control
RW
0
4
Reserved
0
5
Reserved
0
6
PLL Mode 0
See PLL Operating Mode
Readback Table
R
Latched at
power up
7
PLL Mode 1
See PLL Operating Mode
Readback Table
R
Latched at
power up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com