Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGM Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGM Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 9Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 10Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 11Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 12Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Si53112
12
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
2.4. SA_0, SA_1—Address Selection
SA_0 and SA_1 are tri-level hardware pins, which program the appropriate address for the Si53112. The two tri-
level input pins that can configure the device to nine different addresses.
2.5. PWRGD/PWRDN
PWRGD is asserted high and deasserted low. Deassertion of PWRGD (pulling the signal low) is equivalent to
indicating a power-down condition. PWRGD (assertion) is used by the Si53112 to sample initial configurations,
such as frequency select condition and SA selections. After PWRGD has been asserted high for the first time, the
pin becomes a PWRDN (Power Down) pin that can be used to shut off all clocks cleanly and instruct the device to
invoke power-saving mode. PWRDN is a completely asynchronous active low input. When entering power-saving
mode, PWRDN should be asserted low prior to shutting off the input clock or power to ensure all clocks shut down
in a glitch free manner. When PWRDN is asserted low, all clocks will be disabled prior to turning off the VCO. When
PWRDN is deasserted high, all clocks will start and stop without any abnormal behavior and will meet all ac and dc
parameters.
Note: The assertion and deassertion of PWRDN is absolutely asynchronous.
Warning: Disabling of the CLK_IN input clock prior to assertion of PWRDN is an undefined mode and not recommended.
Operation in this mode may result in glitches, excessive frequency shifting, etc.
Table 11. SMBUS Address Table
SA_1
SA_0
SMBUS Address
LL
D8
LM
DA
LH
DE
ML
C2
MM
C4
MH
C6
HL
CA
HM
CC
HH
CE
Table 12. PWRGD/PWRDN Functionality
PWRGD/PWR
DN
DIF
DIF
0
Low
Low
1Normal
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com