Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25100UE Datasheet (PDF) - Belden Inc.

25100UE Datasheet PDF - Belden Inc.
Part # 25100UE
Download  25100UE Download
File Size   142.41 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 14 AWG BC, Armored

25100UE Datasheet (PDF)

Go To PDF Page Download Datasheet
25100UE Datasheet PDF - Belden Inc.

Part # 25100UE
Download  25100UE Click to download

File Size   142.41 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 14 AWG BC, Armored

25100UE Datasheet (HTML) - Belden Inc.


25100UE Product details

Product Description
Security & Commercial Audio Cable, Armored, 2 Conductor 14 AWG stranded (19x27) bare copper conductors with polyolefin insulation, PVC jacket.




Similar Part No. - 25100UE

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25100 ALPHAWIRE-25100 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Turck, Inc.
25100 TURCK-25100 Datasheet
282Kb / 3P
Capacitive Sensor
11/07/2023
logo
Alpha Wire
25100-20 ALPHAWIRE-25100-20 Datasheet
395Kb / 4P
24 (7/32) AWG Tinned Copper
25100/15 ALPHAWIRE-25100/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25100/20 ALPHAWIRE-25100/20 Datasheet
98Kb / 4P
Customer SpecificationS
12/13/2022
More results


Similar Description - 25100UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5100UE BELDEN-5100UE Datasheet
266Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL3R, FPLR
4100FE BELDEN-4100FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Eca
03-04-2023
4100FLW BELDEN-4100FLW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Cca
11-09-2022
4100ULW BELDEN-4100ULW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Cca
11-09-2022
5101FE BELDEN-5101FE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
12-20-2022
4100UE BELDEN-4100UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Eca
03-04-2023
6101UE BELDEN-6101UE Datasheet
148Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL2P
12-20-2022
25200UE BELDEN-25200UE Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Armored
12-20-2022
6100FE BELDEN-6100FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Shielded, CL2P
03-29-2023
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com