Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25200UE Datasheet (PDF) - Belden Inc.

25200UE Datasheet PDF - Belden Inc.
Part # 25200UE
Download  25200UE Download
File Size   143.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG BC, Armored

25200UE Datasheet (PDF)

Go To PDF Page Download Datasheet
25200UE Datasheet PDF - Belden Inc.

Part # 25200UE
Download  25200UE Click to download

File Size   143.02 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 16 AWG BC, Armored

25200UE Datasheet (HTML) - Belden Inc.


25200UE Product details

Product Description
Security & Commercial Audio Cable, Armored, 2 Conductor 16 AWG stranded (19x29) bare copper conductors with polyolefin insulation, PVC jacket.




Similar Part No. - 25200UE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252001B ITF-252001B Datasheet
200Kb / 5P
SAW Bandpass Filter
2005-02-21
logo
Weidmuller
2520020000 WEIDMULLER-2520020000 Datasheet
467Kb / 7P
BCZ 3.81/04/180 SN GN BX PRT
logo
Integrated Technology F...
252004B ITF-252004B Datasheet
205Kb / 5P
SAW Bandpass Filter
2009-04-13
logo
Ashcroft, Inc.
25200SS02TXCKNH ASHCROFT-25200SS02TXCKNH Datasheet
2Mb / 5P
100/101, 200/201, 300/301 Threaded Diaphragm Seal
RevL_09-09-24
25200SS04TXCKNH ASHCROFT-25200SS04TXCKNH Datasheet
2Mb / 5P
100/101, 200/201, 300/301 Threaded Diaphragm Seal
RevL_09-09-24
More results


Similar Description - 25200UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4200UE BELDEN-4200UE Datasheet
182Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Eca
03-04-2023
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
4200FE BELDEN-4200FE Datasheet
191Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Shielded, Eca
03-04-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
4200ULW BELDEN-4200ULW Datasheet
174Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Cca
11-09-2022
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
25100UE BELDEN-25100UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Armored
12-20-2022
4400UE BELDEN-4400UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, LSZH
08-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com