Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75336 Datasheet (PDF) - Renesas Technology Corp

UPD75336 Datasheet PDF - Renesas Technology Corp
Part # UPD75336
Download  UPD75336 Download
File Size   596.54 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD75336 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD75336 Datasheet PDF - Renesas Technology Corp

Part # UPD75336
Download  UPD75336 Click to download

File Size   596.54 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD75336 Datasheet (HTML) - Renesas Technology Corp


UPD75336 Product details

FEATURES
· mPD75328 upward compatible
· Instruction execution time variable function useful for high-speed operations and power saving
• 0.95, 1.91, 3.81, 15.3 ms (Main system clock: When operated at 4.19 MHz)
• 122 ms (Subsystem clock: When operated at 32.768 kHz)
· Memory capacity: mPD75336 ROM: 16256 ´ 8 bits
RAM: 768 ´ 4 bits
· On-chip 8-bit resolution A/D converter (successive approximation type): 8 channels
• Low-voltage operation possible: VDD = 2.7 to 6.0 V
· On-chip LCD controller/driver
• Maximum of 20 ´ 4 segments drive possible
· Improved timer functions: 4 channels
· Improved 8-bit data processing capability
• Transfer, add/subtract, increase/decrease and compare possible
· Ultra-compact package in use (80-pin plastic TQFP (fine pitch)( 12 mm))
· On-chip PROM (mPD75P336) operative at low voltages available
• VDD = 2.7 to 6.0 V




Similar Part No. - UPD75336

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75336 NEC-UPD75336 Datasheet
532Kb / 68P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75336GC NEC-UPD75336GC Datasheet
532Kb / 68P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75336GK NEC-UPD75336GK Datasheet
532Kb / 68P
4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - UPD75336

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com