Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77018 Datasheet (PDF) - Renesas Technology Corp

UPD77018 Datasheet PDF - Renesas Technology Corp
Part # UPD77018
Download  UPD77018 Download
File Size   447.19 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD77018 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD77018 Datasheet PDF - Renesas Technology Corp

Part # UPD77018
Download  UPD77018 Click to download

File Size   447.19 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD77018 Datasheet (HTML) - Renesas Technology Corp


UPD77018 Product details

FEATURES
• FUNCTIONS
• Instruction cycle: 30 ns (MIN.)
Operation clock: 33 MHz
External clock: 33, 16.5, 8.25, 4.125 MHz
Crystal: 33 MHz
• On-chip PLL to provide higher operation clock than the external clock
• Dual load/store
• Hardware loop function
• Conditional execution
• Executes product-sum operation in one instruction cycle
• PROGRAMMING
• 16 bits ´ 16 bits + 40 bits ® 40 bits multiply accumulator
• 8 general registers (40 bits each)
• 8 ROM/RAM data pointer: each data memory area has 4 registers
• 10 source interrupts (external: 4, internal: 6)
• 3 operand instructions (example: R0 = R0 +R1L*R2L)
• Nonpipeline on execution stage
• MEMORY AREAS
• Instruction memory area : 64K words ´ 32 bits
• Data memory areas : 64K words ´ 16 bits ´ 2 (X memory, Y memory)




Similar Part No. - UPD77018

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77018 NEC-UPD77018 Datasheet
424Kb / 60P
16 bits, Fixed-point Digital Signal Processor
UPD77018A NEC-UPD77018A Datasheet
361Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Renesas Technology Corp
UPD77018A RENESAS-UPD77018A Datasheet
394Kb / 58P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD77018AGC NEC-UPD77018AGC Datasheet
361Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Renesas Technology Corp
UPD77018AGC-XXX-9EU RENESAS-UPD77018AGC-XXX-9EU Datasheet
394Kb / 58P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD77018

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com