Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMN50EPE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMN50EPE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMN50EPE
Download  PMN50EPE Download
File Size   265.15 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, P-channel Trench MOSFET

PMN50EPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMN50EPE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMN50EPE
Download  PMN50EPE Click to download

File Size   265.15 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, P-channel Trench MOSFET

PMN50EPE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMN50EPE Product details

1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a small SOT457 (SC-74) Surface-
Mounted Device (SMD) plastic package using Trench MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• Logic-level compatible
• Very fast switching
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
3. Applications
• Relay driver
• High-speed line driver
• High-side load switch
• Switching circuits




Similar Part No. - PMN50EPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN50UPE NEXPERIA-PMN50UPE Datasheet
349Kb / 14P
20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMN50UPE VBSEMI-PMN50UPE Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PMN50UPE PHILIPS-PMN50UPE_15 Datasheet
232Kb / 13P
20 V, single P-channel Trench MOSFET
20 July 2012
PMN50XP PHILIPS-PMN50XP Datasheet
79Kb / 12P
P-channel TrenchMOS extremely low level FET
Rev. 01-23 January 2006
PMN50XP NXP-PMN50XP Datasheet
149Kb / 11P
P-channel TrenchMOS extremely low level FET
Rev. 02-2 October 2007
More results


Similar Description - PMN50EPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB120EPE NXP-PMXB120EPE Datasheet
252Kb / 15P
30 V, P-channel Trench MOSFET
24 September 2013
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
30 V, P-channel Trench MOSFET
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
30 V, P-channel Trench MOSFET
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
30 V, P-channel Trench MOSFET
24 September 2019
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
30 V, P-channel Trench MOSFET
26 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com