Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS22 Datasheet (PDF) - SMC Diode Solutions Co. LTD

ABS22 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # ABS22
Download  ABS22 Download
File Size   398.23 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ABS22 THRU ABS210 SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

ABS22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS22 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # ABS22
Download  ABS22 Click to download

File Size   398.23 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ABS22 THRU ABS210 SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

ABS22 Datasheet (HTML) - SMC Diode Solutions Co. LTD


ABS22 Product details

Features
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - ABS22

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ABS22 CHENDA-ABS22 Datasheet
478Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22 Datasheet
4Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Chip Integration Techno...
ABS22 CITC-ABS22 Datasheet
581Kb / 4P
Single Phase 2.0AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
ABS22 ZSELEC-ABS22 Datasheet
164Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - ABS22

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com