Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2KB05 Datasheet (PDF) - SMC Diode Solutions Co. LTD

UG2KB05 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # UG2KB05
Download  UG2KB05 Download
File Size   377.64 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 2.0A Glass Passivated Bridge Rectifier

UG2KB05 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG2KB05 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # UG2KB05
Download  UG2KB05 Click to download

File Size   377.64 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 2.0A Glass Passivated Bridge Rectifier

UG2KB05 Datasheet (HTML) - SMC Diode Solutions Co. LTD


UG2KB05 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Designed for surface mount application
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB05 GULFSEMI-UG2KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
WILLAS ELECTRONIC CORP
UG2KB05 WILLAS-UG2KB05 Datasheet
459Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG2KB05 JUXING-UG2KB05 Datasheet
703Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG2KB05 CHENDA-UG2KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com