Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2KB05 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # UG2KB05
Description  Single-Phase 2.0A Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

UG2KB05 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  UG2KB05 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD UG2KB05 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1920, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
UG2KB05
THRU
UG2KB100
UG2KB05 THRU UG2KB100
Single-Phase 2.0A Glass Passivated Bridge Rectifier
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings: @TA=25°C unless otherwise specified
Type Number
Symbol
UG2K
B05
UG2K
B10
UG2K
B20
UG2K
B40
UG2K
B60
UG2K
B80
UG2K
B100 Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Without heat sink @TA = 30°C
Output Current With heat sink @TA = 140°C
IO
1.0
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
60
A
Case: D3K, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
D3K


Similar Part No. - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB05 GULFSEMI-UG2KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
WILLAS ELECTRONIC CORP
UG2KB05 WILLAS-UG2KB05 Datasheet
459Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG2KB05 JUXING-UG2KB05 Datasheet
703Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG2KB05 CHENDA-UG2KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com