Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPT0133 Datasheet (PDF) - Unisonic Technologies

UPT0133 Datasheet PDF - Unisonic Technologies
Part # UPT0133
Download  UPT0133 Download
File Size   219.59 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description RANDOM PHASE POWER TRIAC DIP TYPE SSR IDEAL FOR AC LOAD CONTROL

UPT0133 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPT0133 Datasheet PDF - Unisonic Technologies

Part # UPT0133
Download  UPT0133 Click to download

File Size   219.59 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description RANDOM PHASE POWER TRIAC DIP TYPE SSR IDEAL FOR AC LOAD CONTROL

UPT0133 Datasheet (HTML) - Unisonic Technologies


UPT0133 Product details

 DESCRIPTION
The UPT0133 Solid State Relays (SSR) are an integration of an
infrared emitting diode (IRED), a Phototriac Detector and a main
output Triac. These devices are ideally suited for controlling high
voltage AC loads with solid state reliability while providing 4kV
isolation (VISO(RMS)) from input to output.

 FEATURES
* Output current, IT(RMS)≤0.3A
* Non-zero crossing functionary
* High repetitive peak off-state voltage (VDRM : 600V)
* Superior noise immunity (dV/dt : Min. 100V/μs)
* Response time, ton: Max. 100μs
* High isolation voltage between input and output (VISO(RMS) : 4kV)




Similar Part No. - UPT0133

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPT NICHICON-UPT Datasheet
706Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Samtec, Inc
UPT-02-01-01-L-PV-LC SAMTEC-UPT-02-01-01-L-PV-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
UPT-02-01-01-L-RA-LC SAMTEC-UPT-02-01-01-L-RA-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
UPT-02-01-01-L-V-LC SAMTEC-UPT-02-01-01-L-V-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
UPT-02-01-01-T-PV-LC SAMTEC-UPT-02-01-01-T-PV-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
More results


Similar Description - UPT0133

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
4 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
Compact DIP type SSR Ideal for AC load control
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com