Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD160040 Datasheet (PDF) - Renesas Technology Corp

UPD160040 Datasheet PDF - Renesas Technology Corp
Part # UPD160040
Download  UPD160040 Download
File Size   294.71 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD160040 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD160040 Datasheet PDF - Renesas Technology Corp

Part # UPD160040
Download  UPD160040 Click to download

File Size   294.71 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD160040 Datasheet (HTML) - Renesas Technology Corp


UPD160040 Product details

FEATURES
• CMOS level input
• 384 outputs
• Input of 8 bits (gray scale data) by 6 dots
• Capable of outputting 256 values by means of 8-by-2 external power modules (16 units) and a D/A converter
• Logic power supply voltage (VDD1): 2.5 to 3.6 V
• Driver power supply voltage (VDD2): 12.5 to 15.5 V (switchable, VSEL)
• Output dynamic range: VSS2 + 0.2 V to VDD2 – 0.2 V
• High-speed data transfer: fCLK. = 55 MHz MAX. (internal data transfer speed when operating at 3.0 V ≤ VDD1 ≤ 3.6 V)
fCLK. = 40 MHz MAX. (internal data transfer speed when operating at 2.5 V ≤ VDD1 < 3.0 V)
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output voltage polarity inversion function (POL)
• Output inversion function (POL21, POL 22)
• Output reset control is possible (MODE)
• Through-rate control is possible (SRC)
• Output resistance control is possible (ORC)
• Single bank arrangement is possible (loaded with slim TCP)




Similar Part No. - UPD160040

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
UPD160040A RENESAS-UPD160040A Datasheet
355Kb / 22P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD160040AN NEC-UPD160040AN Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040AN-XXX NEC-UPD160040AN-XXX Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
More results


Similar Description - UPD160040

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com