Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161608 Datasheet (PDF) - Renesas Technology Corp

UPD161608 Datasheet PDF - Renesas Technology Corp
Part # UPD161608
Download  UPD161608 Download
File Size   962.06 Kbytes
Page   79 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD161608 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD161608 Datasheet PDF - Renesas Technology Corp

Part # UPD161608
Download  UPD161608 Click to download

File Size   962.06 Kbytes
Page   79 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD161608 Datasheet (HTML) - Renesas Technology Corp


UPD161608 Product details

FEATURES
• 176-RGB x 220-dot TFT-LCD display driver IC for 262,144 colors (528ch-source driver/220ch-gate driver)
• 18-bit RGB interface and serial peripheral interface (SPI)
• Various color-display control functions
- 262,144 colors can be displayed at the same time (including: γ - adjust)
• Low-power operation supports
- Maximum 6-times DC/DC converter circuit for generating driving voltage
- Voltage followers to decrease direct current flow in the LCD drive breeder-resistors
- Equalizing function for the switching performance of DC/DC converter circuits and operational amplifiers
• Internal power supply circuit
• Operating voltage
· Apply voltage
- VDD-VSS = 1.6 to 2.7 V (non-regulating) (logic voltage range - non-regulated)
VDDIO-VSS = 1.6 to 3.3 V (regulating) (logic voltage range - regulated)
- VCI-VSS = 2.5 to 3.3 V (internal reference power-supply voltage)
· Generate voltage
- For the source driver: VCIX2-VSS = 5.0 to 5.5 V (power supply for driving circuits)
- For the gate driver: VGH-VGL = 17.5 to 30.25 V, VGH-VSS = +10 to +16.5 V
• On chip EEPROM




Similar Part No. - UPD161608

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161602A NEC-UPD161602A Datasheet
6Kb / 23P
360/396-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
UPD161602A RENESAS-UPD161602A Datasheet
518Kb / 26P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161602AP NEC-UPD161602AP Datasheet
6Kb / 23P
360/396-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
UPD161602AP RENESAS-UPD161602AP Datasheet
518Kb / 26P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161602B NEC-UPD161602B Datasheet
6Kb / 23P
360/396-OUTPUT TFT-LCD SOURCE DRIVER
More results


Similar Description - UPD161608

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com