Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS32 Datasheet (PDF) - SMC Diode Solutions Co. LTD

DSS32 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # DSS32
Download  DSS32 Download
File Size   286.55 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description DSS32 THRU DSS320 SINGLE PHASE 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

DSS32 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS32 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # DSS32
Download  DSS32 Click to download

File Size   286.55 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description DSS32 THRU DSS320 SINGLE PHASE 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

DSS32 Datasheet (HTML) - SMC Diode Solutions Co. LTD


DSS32 Product details

Features
The plastic package carries Underwriters
Laboratory Flammability Classification 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High temperature soldering guaranteed: 260/10°C
seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - DSS32

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS32 FORMOSA-DSS32 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
DSS32 CHENDA-DSS32 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS32 DYELEC-DSS32 Datasheet
2Mb / 2P
SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
DSS32 HDSEMI-DSS32 Datasheet
1Mb / 4P
SOD-123SL Plastic-Encapsulate Diodes
DSS32-F HDSEMI-DSS32-F Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
More results


Similar Description - DSS32

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
DSS12U SMCDIODE-DSS12U Datasheet
318Kb / 5P
DSS12U THRU DSS120U SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DSS22 SMCDIODE-DSS22 Datasheet
282Kb / 5P
DSS22 THRU DSS220 SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. C
DSS22U SMCDIODE-DSS22U Datasheet
310Kb / 5P
DSS22U THRU DSS220U SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com