Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS32 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # DSS32
Description  DSS32 THRU DSS320 SINGLE PHASE 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DSS32 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  DSS32 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DSS32 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DSS32 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DSS32 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2245, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
DSS32
THRU
DSS320
DSS32 THRU DSS320
SINGLE PHASE 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Note: 1. Measured at 1MHz and applied reverse voltage of 4V D.C
2. PCB mounted on 0.2 X 0.2" (5.0 X 5.0 mm) copper pad areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
DSS
32
DSS
33
DSS
35
DSS
36
DSS
38
DSS
310
DSS
315
DSS
320
Units
Marking
Code
D32
D33
D35
D36
D38
D310
D315
D320
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
20
30
50
60
80
100
150
200
V
VDC
20
30
50
60
80
100
150
200
V
RMS Reverse Voltage
VRMS
14
21
35
42
56
70
105
140
V
Average Rectified Output Current at TL=90℃
IF(AV)
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
Rated load(JEDEC Method)
IFSM
80
A
Forward Voltage per element @IF=3.0A
VF
0.55
0.70
0.85
0.92
V
Typ.
0.52
0.65
0.80
0.85
Peak Reverse Current TA=25 ℃
at rated DC blocking voltage TA=100 ℃
IR
0.1
0.05
mA
10
5
Typical Junction Capacitance (Note 1)
CJ
110
70
pF
Typical Thermal Resistance Junction
to Ambient (Note 2)
RθJA
75
°C/W
Junction and Storage Temperature Range
TJ
-55 to +150
°C
Junction and Storage Temperature Range
TSTG
-55 to +150
°C
Case: SOD-123FL, molded plastic
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band dentes cathode end
Mounting Position: Any
The plastic package carries Underwriters
Laboratory Flammability Classification 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High temperature soldering guaranteed: 260/10°C
seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg)
tension
Terminals finish: 100% Pure Tin
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
SOD-123FL


Similar Part No. - DSS32

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS32 FORMOSA-DSS32 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
DSS32 CHENDA-DSS32 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS32 DYELEC-DSS32 Datasheet
2Mb / 2P
SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
DSS32 HDSEMI-DSS32 Datasheet
1Mb / 4P
SOD-123SL Plastic-Encapsulate Diodes
DSS32-F HDSEMI-DSS32-F Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
More results

Similar Description - DSS32

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SMC Diode Solutions Co....
DSS12U SMCDIODE-DSS12U Datasheet
318Kb / 5P
DSS12U THRU DSS120U SINGLE PHASE 1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DSS22 SMCDIODE-DSS22 Datasheet
282Kb / 5P
DSS22 THRU DSS220 SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. C
DSS22U SMCDIODE-DSS22U Datasheet
310Kb / 5P
DSS22U THRU DSS220U SINGLE PHASE 2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com