Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52004180 Datasheet (PDF) - Lapp.

52004180 Datasheet PDF - Lapp.
Part # 52004180
Download  52004180 Download
File Size   197.53 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® RWV / RWV O. ED

52004180 Datasheet (PDF)

Go To PDF Page Download Datasheet
52004180 Datasheet PDF - Lapp.

Part # 52004180
Download  52004180 Click to download

File Size   197.53 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® RWV / RWV O. ED

52004180 Datasheet (HTML) - Lapp.


52004180 Product details

Technical features:
Connecting thread PG7 up to PG29 acc. to DIN 40430
Protection class IP55 acc. to EN 60529
Temperature range -20 °C up to +80 °C
-20 °C up to +100 °C without E+D




Similar Part No. - 52004180

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520041 PAULSTRA-520041 Datasheet
190Kb / 4P
RADIAFLEX
More results


Similar Description - 52004180

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073759 PHOENIX-3073759 Datasheet
85Kb / 5P
Bolt connection terminal block - RWV 5/S
3073762 PHOENIX-3073762 Datasheet
80Kb / 5P
Panel feed-through terminal block - RWV 8
3073775 PHOENIX-3073775 Datasheet
80Kb / 5P
Panel feed-through terminal block - RWV 8/S
3073788 PHOENIX-3073788 Datasheet
84Kb / 5P
Bolt connection terminal block - RWV 5-POT
logo
Lapp.
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52023607 LAPP-52023607 Datasheet
124Kb / 1P
SKINDICHT® O-Ring FKM PG
03.07.2018
52107800 LAPP-52107800 Datasheet
115Kb / 3P
SKINDICHT® RWV-M / RWV-M O. ED
26.03.2021
52108001 LAPP-52108001 Datasheet
292Kb / 3P
SKINDICHT® SE-M without ED
03.07.2018
53001010 LAPP-53001010 Datasheet
136Kb / 1P
SKINDICHT® O-RING NBR PG
02.07.2019
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com