Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52023607 Datasheet (PDF) - Lapp.

52023607 Datasheet PDF - Lapp.
Part # 52023607
Download  52023607 Download
File Size   124.54 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® O-Ring FKM PG

52023607 Datasheet (PDF)

Go To PDF Page Download Datasheet
52023607 Datasheet PDF - Lapp.

Part # 52023607
Download  52023607 Click to download

File Size   124.54 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® O-Ring FKM PG

52023607 Datasheet (HTML) - Lapp.


52023607 Product details

Technical features:
Material FKM
Colour Green
PG-Sizes PG7 up to PG48
Temperature range -20 °C up to +200 °C
Hardness 70±5 Shore A




Similar Part No. - 52023607

ManufacturerPart #DatasheetDescription
logo
Lapp.
52023340 LAPP-52023340 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023350 LAPP-52023350 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023360 LAPP-52023360 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023370 LAPP-52023370 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023380 LAPP-52023380 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
More results


Similar Description - 52023607

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-000-5074 HARTING-09-00-000-5074 Datasheet
444Kb / 2P
BLINDSTOPFEN M. O-RING PG 29
2021-10-01
logo
Lapp.
52001889 LAPP-52001889 Datasheet
88Kb / 1P
SKINDICHT® MINI FKM
27.03.2023
52004180 LAPP-52004180 Datasheet
197Kb / 2P
SKINDICHT® RWV / RWV O. ED
06.06.2023
52024934 LAPP-52024934 Datasheet
172Kb / 2P
SKINDICHT® SHV-FKM
03.07.2018
52103105 LAPP-52103105 Datasheet
110Kb / 2P
SKINDICHT® BL-M with O-Ring
16.08.2023
52104200 LAPP-52104200 Datasheet
90Kb / 1P
SKINDICHT® MA-M/PG
14.04.2023
52104490 LAPP-52104490 Datasheet
165Kb / 2P
SKINDICHT® MA-PG/M
14.04.2023
53001010 LAPP-53001010 Datasheet
136Kb / 1P
SKINDICHT® O-RING NBR PG
02.07.2019
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
53801035 LAPP-53801035 Datasheet
129Kb / 1P
SKINDICHT® JT PTFE PG
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com