Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52001889 Datasheet (PDF) - Lapp.

52001889 Datasheet PDF - Lapp.
Part # 52001889
Download  52001889 Download
File Size   88.82 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® MINI FKM

52001889 Datasheet (PDF)

Go To PDF Page Download Datasheet
52001889 Datasheet PDF - Lapp.

Part # 52001889
Download  52001889 Click to download

File Size   88.82 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® MINI FKM

52001889 Datasheet (HTML) - Lapp.


52001889 Product details

Technical features:
Connecting thread M6x1, M8x1 and M10x1
Protection class IP66, acc. to EN 60529
IP68 - 5 bar / 30min, acc. to EN 60529
Strain relief Category A acc. to DIN EN 62444
Temperature range -20 °C up to +200 °C




Similar Part No. - 52001889

ManufacturerPart #DatasheetDescription
logo
Lapp.
52001885 LAPP-52001885 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
More results


Similar Description - 52001889

ManufacturerPart #DatasheetDescription
logo
Lapp.
52001860 LAPP-52001860 Datasheet
92Kb / 1P
SKINDICHT® MINI NBR
06.06.2023
52001877 LAPP-52001877 Datasheet
96Kb / 1P
SKINDICHT® MINI COLD
06.06.2023
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52023607 LAPP-52023607 Datasheet
124Kb / 1P
SKINDICHT® O-Ring FKM PG
03.07.2018
52024934 LAPP-52024934 Datasheet
172Kb / 2P
SKINDICHT® SHV-FKM
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com