Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52005470 Datasheet (PDF) - Lapp.

52005470 Datasheet PDF - Lapp.
Part # 52005470
Download  52005470 Download
File Size   122.84 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SVFK

52005470 Datasheet (PDF)

Go To PDF Page Download Datasheet
52005470 Datasheet PDF - Lapp.

Part # 52005470
Download  52005470 Click to download

File Size   122.84 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SVFK

52005470 Datasheet (HTML) - Lapp.


52005470 Product details

Technical features:
Connecting thread PG16 up to PG48 acc. to DIN 40430
Protection class IP54 acc. to EN 60529
Temperature range -20 °C up to +60 °C
Colour RAL 7035




Similar Part No. - 52005470

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520054 PAULSTRA-520054 Datasheet
190Kb / 4P
RADIAFLEX
logo
Lapp.
52005480 LAPP-52005480 Datasheet
176Kb / 2P
SKINDICHT® SVF
03.07.2018
More results


Similar Description - 52005470

ManufacturerPart #DatasheetDescription
logo
Lapp.
51730020 LAPP-51730020 Datasheet
125Kb / 1P
SKINDICHT® KUK
03.07.2018
52001970 LAPP-52001970 Datasheet
119Kb / 2P
SKINDICHT® SNR
03.07.2018
52002530 LAPP-52002530 Datasheet
153Kb / 2P
SKINDICHT® SHV
03.07.2018
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52003750 LAPP-52003750 Datasheet
115Kb / 2P
SKINDICHT® MR
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52010780 LAPP-52010780 Datasheet
195Kb / 3P
SKINDICHT® SRE
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com