Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52003750 Datasheet (PDF) - Lapp.

52003750 Datasheet PDF - Lapp.
Part # 52003750
Download  52003750 Download
File Size   115.49 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® MR

52003750 Datasheet (PDF)

Go To PDF Page Download Datasheet
52003750 Datasheet PDF - Lapp.

Part # 52003750
Download  52003750 Click to download

File Size   115.49 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® MR

52003750 Datasheet (HTML) - Lapp.


52003750 Product details

Technical features:
Material Brass, nickel-plated
External thread PG9 up to PG48 acc. to DIN 40430
Internal thread PG7 up to PG42 acc. to DIN 40430
Temperature range -60°C up to +200°C




Similar Part No. - 52003750

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
520030 PAULSTRA-520030 Datasheet
190Kb / 4P
RADIAFLEX
520031 PAULSTRA-520031 Datasheet
190Kb / 4P
RADIAFLEX
logo
Lapp.
52003130 LAPP-52003130 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
52003140 LAPP-52003140 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
52003160 LAPP-52003160 Datasheet
124Kb / 2P
SILVYN® SCH
08.05.2018
More results


Similar Description - 52003750

ManufacturerPart #DatasheetDescription
logo
Lapp.
52001970 LAPP-52001970 Datasheet
119Kb / 2P
SKINDICHT® SNR
03.07.2018
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52010780 LAPP-52010780 Datasheet
195Kb / 3P
SKINDICHT® SRE
03.07.2018
52101965 LAPP-52101965 Datasheet
111Kb / 2P
SKINDICHT® MR-M hexagonal
14.04.2023
52104570 LAPP-52104570 Datasheet
128Kb / 2P
SKINDICHT® MR-M ATEX
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com