Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52010780 Datasheet (PDF) - Lapp.

52010780 Datasheet PDF - Lapp.
Part # 52010780
Download  52010780 Download
File Size   195.74 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SRE

52010780 Datasheet (PDF)

Go To PDF Page Download Datasheet
52010780 Datasheet PDF - Lapp.

Part # 52010780
Download  52010780 Click to download

File Size   195.74 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SRE

52010780 Datasheet (HTML) - Lapp.


52010780 Product details

Technical features:
Connecting thread PG9 up to PG36 acc. to DIN 40430
Functional thread PG9 up to PG36 acc. to DIN 40430
Protection class IP65 acc. to EN 60529
Temperature range -20 °C up to +80 °C




Similar Part No. - 52010780

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
52010700 BOPLA-52010700 Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
List of Unclassifed Man...
5201070000 ETC2-5201070000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 52010780

ManufacturerPart #DatasheetDescription
logo
Lapp.
51730020 LAPP-51730020 Datasheet
125Kb / 1P
SKINDICHT® KUK
03.07.2018
52001970 LAPP-52001970 Datasheet
119Kb / 2P
SKINDICHT® SNR
03.07.2018
52002530 LAPP-52002530 Datasheet
153Kb / 2P
SKINDICHT® SHV
03.07.2018
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52003490 LAPP-52003490 Datasheet
102Kb / 1P
SKINDICHT® SM
21.10.2022
52003750 LAPP-52003750 Datasheet
115Kb / 2P
SKINDICHT® MR
03.07.2018
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com