Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52003490 Datasheet (PDF) - Lapp.

52003490 Datasheet PDF - Lapp.
Part # 52003490
Download  52003490 Download
File Size   102.57 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SM

52003490 Datasheet (PDF)

Go To PDF Page Download Datasheet
52003490 Datasheet PDF - Lapp.

Part # 52003490
Download  52003490 Click to download

File Size   102.57 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINDICHT® SM

52003490 Datasheet (HTML) - Lapp.


52003490 Product details

Technical features:
Size PG7 up to PG48, thread acc. to DIN 40430
Material Brass, nickel plated
Brass Lead Free, nickel plated
Temperature range -60°C up to +200°C




Similar Part No. - 52003490

ManufacturerPart #DatasheetDescription
logo
Lapp.
52003490 LAPP-52003490 Datasheet
340Kb / 1P
SKINDICHT® SM/SM-M Locknuts
52003490 LAPP-52003490 Datasheet
85Kb / 1P
SKINDICHT® SM
03.02.2017
52003490 LAPP-52003490_V01 Datasheet
85Kb / 1P
SKINDICHT® SM
03.02.2017
More results


Similar Description - 52003490

ManufacturerPart #DatasheetDescription
logo
Lapp.
52002680 LAPP-52002680 Datasheet
99Kb / 1P
SKINDICHT® BL
22.11.2018
52005470 LAPP-52005470 Datasheet
122Kb / 2P
SKINDICHT® SVFK
03.07.2018
52005540 LAPP-52005540 Datasheet
178Kb / 2P
SKINDICHT® SVRE
06.06.2023
52005780 LAPP-52005780 Datasheet
148Kb / 1P
SKINDICHT® E
11.10.2021
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52010780 LAPP-52010780 Datasheet
195Kb / 3P
SKINDICHT® SRE
03.07.2018
52103000 LAPP-52103000 Datasheet
113Kb / 1P
SKINDICHT® SM-M
13.10.2022
52103200 LAPP-52103200 Datasheet
108Kb / 1P
SKINDICHT® SM-PE
03.07.2018
52103500 LAPP-52103500 Datasheet
126Kb / 1P
SKINDICHT® SM-NPT INOX
08.11.2019
52103540 LAPP-52103540 Datasheet
125Kb / 1P
SKINDICHT® SM-NPT
08.11.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com