Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52023607 Datasheet(PDF) 1 Page - Lapp.

Part # 52023607
Description  SKINDICHT® O-Ring FKM PG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52023607 Datasheet(HTML) 1 Page - Lapp.

  52023607 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
52023607
DATA SHEET
Valid from:
03.07.2018
SKINDICHT® O-Ring FKM PG
Creator: M. Wegerer /PDP
Released: DAMU1/PDP
Document: DB52023607EN
Version: 04
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
SKINDICHT
® O-ring FKM PG provide safe sealing against oil, water, alkalis, acids
and extreme conditions at the connection thread of gland or similar parts.
Technical features:
Material
FKM
Colour
Green
PG-Sizes
PG7 up to PG48
Temperature range
-20 °C up to +200 °C
Hardness
70±5 Shore A
Norm references:
Article
designation
Inner Ø x
cord thickness
Article No.
O 7
10 x 1,5
52023607
O 9
13 x 1,5
52122011
O 11
16 x 1,5
52023602
O 13,5
18 x 1,5
52023601
O 16
20 x 1,5
52023603
O 21
26 x 2
52023604
O 29
34 x 2
52023606
O 36
44 x 2
52023608
O 42
50 x 2
52023609
O 48
55 x 2
52023611
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.


Similar Part No. - 52023607

ManufacturerPart #DatasheetDescription
logo
Lapp.
52023340 LAPP-52023340 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023350 LAPP-52023350 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023360 LAPP-52023360 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023370 LAPP-52023370 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
52023380 LAPP-52023380 Datasheet
77Kb / 1P
SILVYN® EE-K
16.08.2021
More results

Similar Description - 52023607

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-000-5074 HARTING-09-00-000-5074 Datasheet
444Kb / 2P
BLINDSTOPFEN M. O-RING PG 29
2021-10-01
logo
Lapp.
52001889 LAPP-52001889 Datasheet
88Kb / 1P
SKINDICHT® MINI FKM
27.03.2023
52004180 LAPP-52004180 Datasheet
197Kb / 2P
SKINDICHT® RWV / RWV O. ED
06.06.2023
52024934 LAPP-52024934 Datasheet
172Kb / 2P
SKINDICHT® SHV-FKM
03.07.2018
52103105 LAPP-52103105 Datasheet
110Kb / 2P
SKINDICHT® BL-M with O-Ring
16.08.2023
52104200 LAPP-52104200 Datasheet
90Kb / 1P
SKINDICHT® MA-M/PG
14.04.2023
52104490 LAPP-52104490 Datasheet
165Kb / 2P
SKINDICHT® MA-PG/M
14.04.2023
53001010 LAPP-53001010 Datasheet
136Kb / 1P
SKINDICHT® O-RING NBR PG
02.07.2019
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
53801035 LAPP-53801035 Datasheet
129Kb / 1P
SKINDICHT® JT PTFE PG
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com