Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA130 Datasheet (PDF) - ams AG

MIRA130 Datasheet PDF - ams AG
Part # MIRA130
Download  MIRA130 Download
File Size   1762.65 Kbytes
Page   53 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor

MIRA130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIRA130 Datasheet PDF - ams AG

Part # MIRA130
Download  MIRA130 Click to download

File Size   1762.65 Kbytes
Page   53 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor

MIRA130 Datasheet (HTML) - ams AG


MIRA130 Product details

Description
Mira130 is a global shutter CMOS image sensor with NIR enhancement of the QE. It outputs
monochrome images with an effective pixel array of 1080 H × 1280 V, and supports complex on-chip
operations such as high dynamic range (HDR) mode, external triggering, windowing, horizontal or
vertical mirroring. Its maximum frame rate is 120 fps at a full image resolution. On-chip registers can
be accessed via the standard I2C interface.

Features
56% QE at 850 nm, 36% QE at 940 nm
In-pixel HDR mechanism
Global shutter pixel
MIPI CSI-2 / D-PHY
Up to 120 fps @ 10-bit data
1.3 MP with 2.7 μm pixels

Applications
● 3D structured light, 3D Active Stereo systems
● 2D NIR imaging
● Machine vision
● Barcode scanners
● Motion monitoring




Similar Part No. - MIRA130

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
MIRA130 OSRAM-MIRA130 Datasheet
2Mb / 52P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v6-00 2023-Aug-09
MIRA130-1QM2D0 OSRAM-MIRA130-1QM2D0 Datasheet
2Mb / 52P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v6-00 2023-Aug-09
MIRA130-1QM2PP OSRAM-MIRA130-1QM2PP Datasheet
2Mb / 52P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v6-00 2023-Aug-09
More results


Similar Description - MIRA130

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
1.3 MP CMOS Image Sensor
logo
ON Semiconductor
AR0134 ONSEMI-AR0134 Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
MIRA220 AMSCO-MIRA220 Datasheet
629Kb / 9P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v2-00 2022-Oct-06
MIRA050 AMSCO-MIRA050 Datasheet
474Kb / 10P
1/7” Compact 0.5 MP NIR Enhanced Global Shutter Image
v1-01 2022-Dec-21
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com