Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIRA220 Datasheet (PDF) - ams AG

MIRA220 Datasheet PDF - ams AG
Part # MIRA220
Download  MIRA220 Download
File Size   629.1 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1/2.7” 2.2MP NIR Enhanced Global Shutter Image

MIRA220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIRA220 Datasheet PDF - ams AG

Part # MIRA220
Download  MIRA220 Click to download

File Size   629.1 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1/2.7” 2.2MP NIR Enhanced Global Shutter Image

MIRA220 Datasheet (HTML) - ams AG


MIRA220 Product details

Description
Mira220 is a 2.2 MP NIR enhanced global shutter image sensor with a small 2.79 μm pixel size. It has
excellent low light sensitivity made possible by a state-of-the-art stacked BSI technology. With an
effective resolution of 1600 × 1400 and a maximum bit depth of 12 bits, the sensor supports on-chip
operations like external triggering, windowing, horizontal or vertical mirroring. The maximum frame
rate is 90 fps at full resolution and bit depth. The sensor has a MIPI CSI-2 interface to allow easy
interfacing with a plethora of processors and FPGAs. On-chip registers can be accessed via the
standard I²C interface for easy configuration of the sensor.
Due to its small size, configurability and high sensitivity both in visual as well as NIR, the Mira220 is
well suited for 2D and 3D applications, which include Active Stereo Vision, Structured Light Vision for
Robotics and AR/VR. High sensitivity in NIR enables increased measurement range and allows overall
system power consumption optimization which is key for battery powered consumer and industrial
applications.

Features
● 1/2.7”
● 1600x1400
● 8/10/12-bit
● 2.79 μm
90 fps global shutter with CDS
High sensitivity
Small die size achieved via state-of-the-art stacked
BSI technology
Class leading QE at 940 nm combined with high
sensitivity. Industry leading PLS at 940 nm
Digital CDS and row noise correction
● On chip defect pixel detection and correction
● On chip image statistics generation
Available as Mono, RGB or RGBIR variant.
Orderable with AR coated or plain glass and
protective film
Low power consumption

Applications
● Mobile Facial Authentication
● AR/VR
● Active Stereo Vision
● Structured Light Vision
● Smart Home Appliances
● Drones
● QR Readers.
● Smart Wearable Devices
● Automatic Identification and Data Capture
(AIDC).
● SLAM for Robotics




Similar Part No. - MIRA220

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
MIRA220 OSRAM-MIRA220 Datasheet
954Kb / 11P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
MIRA220-2QM1D0 OSRAM-MIRA220-2QM1D0 Datasheet
954Kb / 11P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
MIRA220-2QM1WA OSRAM-MIRA220-2QM1WA Datasheet
954Kb / 11P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
MIRA220-2QM1WP OSRAM-MIRA220-2QM1WP Datasheet
954Kb / 11P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v3-00 2023-Feb-14
More results


Similar Description - MIRA220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
logo
Pixart Imaging Inc.
PAC7640 PIXART-PAC7640 Datasheet
1Mb / 17P
Enhanced QE Global Shutter Image Sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
MIRA050 AMSCO-MIRA050 Datasheet
474Kb / 10P
1/7” Compact 0.5 MP NIR Enhanced Global Shutter Image
v1-01 2022-Dec-21
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com