Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMX800ENE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMX800ENE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMX800ENE
Download  PMX800ENE Download
File Size   274.81 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, N-channel Trench MOSFET

PMX800ENE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMX800ENE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMX800ENE
Download  PMX800ENE Click to download

File Size   274.81 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, N-channel Trench MOSFET

PMX800ENE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMX800ENE Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0603-3
(SOT8013) Surface-Mounted Device (SMD) using Trench MOSFET technology.
2. Features and benefits
• Logic-level compatible
• Leadless ultra small package 0.63mm x 0.33 mm x 0.25 mm
• Trench MOSFET technology
• Low profile (0.25 mm)
• ElectroStatic Discharge (ESD) protection typically > 1 kV HBM
3. Applications
• Battery switch
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMX800ENE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMX800UPE NEXPERIA-PMX800UPE Datasheet
278Kb / 14P
30 V, P-channel Trench MOSFET
20 March 2023
More results


Similar Description - PMX800ENE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002BK PHILIPS-NX7002BK_15 Datasheet
273Kb / 16P
60 V, N-channel Trench MOSFET
12 May 2015
logo
Nexperia B.V. All right...
NX7002BK NEXPERIA-NX7002BK Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
BSN20BK NEXPERIA-BSN20BK Datasheet
739Kb / 16P
60 V, N-channel Trench MOSFET
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
60 V, N-channel Trench MOSFET
29 November 2021
PMV88ENE NEXPERIA-PMV88ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
29 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com