Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMX800UPE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMX800UPE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMX800UPE
Download  PMX800UPE Download
File Size   278.43 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, P-channel Trench MOSFET

PMX800UPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMX800UPE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMX800UPE
Download  PMX800UPE Click to download

File Size   278.43 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, P-channel Trench MOSFET

PMX800UPE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMX800UPE Product details

1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0603-3
(SOT8013) Surface-Mounted Device (SMD) using Trench MOSFET technology.
2. Features and benefits
• Low threshold voltage
• Leadless ultra small package 0.63 x 0.33 x 0.25 mm
• Trench MOSFET technology
• Low profile (0.25 mm)
• ElectroStatic Discharge (ESD) protection > 2 kV HBM
3. Applications
• Battery switch
• High-speed line driver
• High-side load switch
• Switching circuits




Similar Part No. - PMX800UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
60 V, N-channel Trench MOSFET
12 July 2023
More results


Similar Description - PMX800UPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB120EPE NXP-PMXB120EPE Datasheet
252Kb / 15P
30 V, P-channel Trench MOSFET
24 September 2013
PMZ1200UPE PHILIPS-PMZ1200UPE_15 Datasheet
220Kb / 15P
30 V, P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
30 V, P-channel Trench MOSFET
PMZ320UPE NEXPERIA-PMZ320UPE Datasheet
715Kb / 15P
30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
30 V, P-channel Trench MOSFET
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
30 V, P-channel Trench MOSFET
24 September 2019
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
30 V, P-channel Trench MOSFET
26 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com