Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMXB40UNE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMXB40UNE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMXB40UNE
Download  PMXB40UNE Download
File Size   741.2 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12 V, N-channel Trench MOSFET

PMXB40UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMXB40UNE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMXB40UNE
Download  PMXB40UNE Click to download

File Size   741.2 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12 V, N-channel Trench MOSFET

PMXB40UNE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMXB40UNE Product details

1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Trench MOSFET technology
• Leadless ultra small and thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
• Exposed drain pad for excellent thermal conduction
• ElectroStatic Discharge (ESD) protection 1 kV
• Very low Drain-Source on-state resistance RDSon = 34 mΩ
• Very low threshold voltage of 0.65 V for portable applications
3. Applications
• Low-side load switch and charging switch for portable devices
• Power management in battery-driven portables
• LED driver
• DC-to-DC converters




Similar Part No. - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
More results


Similar Description - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
PMCM440VNE PHILIPS-PMCM440VNE_15 Datasheet
325Kb / 15P
12 V, N-channel Trench MOSFET
7 April 2015
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
12 V, N-channel Trench MOSFET
26 August 2015
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
12 V, N-channel Trench MOSFET
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
12 V, N-channel Trench MOSFET
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
12 V, N-channel Trench MOSFET
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
12 V, P-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
12 V, N-channel Trench MOSFET
6 August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com