Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMXB40UNE Datasheet (PDF) - NXP Semiconductors

PMXB40UNE Datasheet PDF - NXP Semiconductors
Part # PMXB40UNE
Download  PMXB40UNE Download
File Size   261.78 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 V, N-channel Trench MOSFET

PMXB40UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMXB40UNE Datasheet PDF - NXP Semiconductors

Part # PMXB40UNE
Download  PMXB40UNE Click to download

File Size   261.78 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 V, N-channel Trench MOSFET

PMXB40UNE Datasheet (HTML) - NXP Semiconductors


PMXB40UNE Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Trench MOSFET technology
• Leadless ultra small and thin SMD plastic package: 1.1 × 1.0 × 0.37 mm
• Exposed drain pad for excellent thermal conduction
• ElectroStatic Discharge (ESD) protection 1 kV
• Very low Drain-Source on-state resistance RDSon = 34 mΩ
• Very low threshold voltage of 0.65 V for portable applications

Applications
• Low-side load switch and charging switch for portable devices
• Power management in battery-driven portables
• LED driver
• DC-to-DC converters




Similar Part No. - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
More results


Similar Description - PMXB40UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMCM440VNE PHILIPS-PMCM440VNE_15 Datasheet
325Kb / 15P
12 V, N-channel Trench MOSFET
7 April 2015
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
12 V, N-channel Trench MOSFET
26 August 2015
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
12 V, N-channel Trench MOSFET
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
12 V, N-channel Trench MOSFET
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
12 V, N-channel Trench MOSFET
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
12 V, P-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
12 V, N-channel Trench MOSFET
27 September 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com