Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN1R2-55SLH Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R2-55SLH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R2-55SLH
Download  PSMN1R2-55SLH Download
File Size   317.54 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 55 V, 1.03 mOhm, 330 A logic level Application Specific MOSFET in LFPAK88

PSMN1R2-55SLH Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R2-55SLH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R2-55SLH
Download  PSMN1R2-55SLH Click to download

File Size   317.54 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 55 V, 1.03 mOhm, 330 A logic level Application Specific MOSFET in LFPAK88

PSMN1R2-55SLH Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R2-55SLH Product details

1. General description
330 Amp continuous current, logic level gate drive N-channel enhancement mode MOSFET in
175 °C LFPAK88 package. Part of the ASFETs for Battery Isolation and DC Motor control family
and using Nexperia’s unique “SchottkyPlus” technology delivers high efficiency and low spiking
performance usually associated with MOSFETs with an integrated Schottky or Schottky-like diode
but without problematic high leakage current. The ASFET is particularly suited to 36 V battery
powered applications requiring strong avalanche capability, linear mode performance, use at high
switching frequencies, and also safe and reliable switching at high load-current.
2. Features and benefits
• 330 Amp continuous current capability
• LFPAK88 (8 x 8 mm) LFPAK-style low-stress exposed lead-frame for ultimate reliability,
optimum soldering and easy solder-joint inspection
• Copper-clip and solder die attach for low package inductance and resistance, and high ID(max)
rating
• Ideal replacement for D2PAK and 10 x 12 mm leadless package types
• Qualified to 175 °C
• Avalanche rated, 100 % tested
• Low QG, QGD and QOSS for high efficiency, especially at higher switching frequencies
• Superfast switching with soft body-diode recovery for low-spiking and ringing, recommended for
low EMI designs
• Unique “SchottkyPlus” technology for Schottky-like switching performance and low IDSS leakage
• Narrow VGS(th) rating for easy paralleling and improved current sharing
• Very strong linear-mode / safe operating area characteristics for safe and reliable switching at
high-current conditions
3. Applications
• Brushless DC motor control
• Synchronous rectifier in high-power AC-to-DC applications, e.g. server power supplies
• Battery protection
• eFuse and load switch
• Hotswap / in-rush current management
• 10 cell lithium-ion battery applications (36 V ‒ 42 V)




Similar Part No. - PSMN1R2-55SLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R2-25YL NXP-PSMN1R2-25YL Datasheet
220Kb / 13P
N-channel 25 V 1.2 m廓 logic level MOSFET in LFPAK
Rev. 01-25 June 2009
logo
Nexperia B.V. All right...
PSMN1R2-25YL NEXPERIA-PSMN1R2-25YL Datasheet
724Kb / 13P
N-channel 25 V 1.2 mΩ logic level MOSFET in LFPAK
Rev. 01 - 25 June 2009
logo
NXP Semiconductors
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
PSMN1R2-25YLC PHILIPS-PSMN1R2-25YLC Datasheet
350Kb / 15P
N-channel 25 V 1.3 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
More results


Similar Description - PSMN1R2-55SLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC NXP-PSMN1R0-30YLC Datasheet
248Kb / 15P
N-channel 30 V 1.15 mOHM logic level MOSFET in LFPAK
Rev. 02-23 November 2010
logo
Nexperia B.V. All right...
BUK7S0R5-40H NEXPERIA-BUK7S0R5-40H Datasheet
323Kb / 13P
N-channel 40 V, 0.5 mOhm standard level MOSFET in LFPAK88
6 April 2021
BUK7S2R0-40H NEXPERIA-BUK7S2R0-40H Datasheet
336Kb / 13P
N-channel 40 V, 2 mOhm standard level MOSFET in LFPAK88
6 April 2021
BUK7S2R5-40H NEXPERIA-BUK7S2R5-40H Datasheet
340Kb / 13P
N-channel 40 V, 2.5 mOhm standard level MOSFET in LFPAK88
6 April 2021
BUK9K52-60RA NEXPERIA-BUK9K52-60RA Datasheet
306Kb / 13P
Dual N-channel 60 V, 55 mOhm logic level MOSFET in LFPAK56D using Repetitive Avalanche technology
2 December 2020
PSMN1R9-80SSE NEXPERIA-PSMN1R9-80SSE Datasheet
333Kb / 13P
N-channel 80 V, 1.9 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN1R1-50SLH NEXPERIA-PSMN1R1-50SLH Datasheet
252Kb / 9P
N-channel 50 V, 1.18 mOhm, 280 A logic level MOSFET in LFPAK88 using NextPower-S3 Schottky-Plus technology
8 January 2021
PSMN1R5-50YLH NEXPERIA-PSMN1R5-50YLH Datasheet
300Kb / 12P
N-channel 50 V, 1.7 mOhm, 200 A continuous, logic level Application Specific MOSFET in LFPAK56E
26 January 2022
PSMN2R0-55YLH NEXPERIA-PSMN2R0-55YLH Datasheet
300Kb / 13P
N-channel 55 V, 2.1 mOhm, 200 A continuous, logic level Application Specific MOSFET in LFPAK56E
11 July 2022
PSMNR90-50SLH NEXPERIA-PSMNR90-50SLH Datasheet
318Kb / 12P
N-channel 50 V, 0.90 mOhm, 410 A logic level Application Specific MOSFET in LFPAK88
15 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com