Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R0-55YLH Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R0-55YLH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN2R0-55YLH
Download  PSMN2R0-55YLH Download
File Size   300.41 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 55 V, 2.1 mOhm, 200 A continuous, logic level Application Specific MOSFET in LFPAK56E

PSMN2R0-55YLH Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R0-55YLH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN2R0-55YLH
Download  PSMN2R0-55YLH Click to download

File Size   300.41 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 55 V, 2.1 mOhm, 200 A continuous, logic level Application Specific MOSFET in LFPAK56E

PSMN2R0-55YLH Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R0-55YLH Product details

1. General description
200 Amp continuous current, logic level gate drive, N-channel enhancement mode MOSFET
in LFPAK56E package. Part of the ASFETs for Battery Isolation and DC Motor control family
and using Nexperia’s unique “SchottkyPlus” technology delivers high efficiency and low spiking
performance usually associated with MOSFETs with an integrated Schottky or Schottky-like diode
but without problematic high leakage current. The ASFET is particularly suited to 36 V battery
powered applications requiring strong avalanche capability, linear mode performance, use at high
switching frequencies, and also safe and reliable switching at high load-current.
2. Features and benefits
• 200 A continuous current capability
• Optimised for 36 V (nominal) battery powered applications
• LFPAK56E low-stress exposed lead-frame for ultimate reliability, optimum soldering and easy
solder-joint inspection
• Copper-clip and solder die attach for low package inductance and resistance, and high ID (max)
rating
• Qualified to 175 °C
• Avalanche rated, 100% tested
• Low QG, QGD and QOSS for high efficiency, especially at higher switching frequencies
• Superfast switching with soft body-diode recovery for low-spiking and ringing, recommended for
low EMI designs
• Unique “SchottkyPlus” technology for Schottky-like switching performance and low IDSS leakage
• Narrow VGS(th) rating for easy paralleling and improved current sharing
• Very strong linear-mode / safe operating area characteristics for safe and reliable switching at
high-current conditions
3. Applications
• Brushless DC motor control
• Synchronous rectifier in high-power AC-to-DC applications, e.g. server power supplies
• Battery protection and Battery Management Systems (BMS)
• Load switch
• 10 cell lithium-ion battery applications (36 V ‒ 42 V)




Similar Part No. - PSMN2R0-55YLH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-55YLH NEXPERIA-PSMN2R0-55YLH Datasheet
300Kb / 12P
N-channel 55 V, 2.2 mOhm, 200 A continuous, logic level MOSFET in LFPAK56E using NextPower-S3 technology
9 July 2021
PSMN2R0-55YLHX NEXPERIA-PSMN2R0-55YLHX Datasheet
300Kb / 12P
N-channel 55 V, 2.2 mOhm, 200 A continuous, logic level MOSFET in LFPAK56E using NextPower-S3 technology
9 July 2021
PSMN2R0-55YLH NEXPERIA-PSMN2R0-55YLH_V01 Datasheet
300Kb / 12P
N-channel 55 V, 2.2 mOhm, 200 A continuous, logic level MOSFET in LFPAK56E using NextPower-S3 technology
9 July 2021
More results


Similar Description - PSMN2R0-55YLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC NXP-PSMN1R0-30YLC Datasheet
248Kb / 15P
N-channel 30 V 1.15 mOHM logic level MOSFET in LFPAK
Rev. 02-23 November 2010
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN3R5-80YSF NEXPERIA-PSMN3R5-80YSF Datasheet
313Kb / 13P
NextPower 80 V, 3.5 mOhm, 150 A, N-channel MOSFET in LFPAK56E package
3 September 2021
BUK9J0R9-40H NEXPERIA-BUK9J0R9-40H Datasheet
282Kb / 12P
N-channel 40 V, 0.9 mΩ logic level MOSFET in LFPAK56E
7 October 2019
BUK9K52-60RA NEXPERIA-BUK9K52-60RA Datasheet
306Kb / 13P
Dual N-channel 60 V, 55 mOhm logic level MOSFET in LFPAK56D using Repetitive Avalanche technology
2 December 2020
PSMN1R2-55SLH NEXPERIA-PSMN1R2-55SLH Datasheet
317Kb / 12P
N-channel 55 V, 1.03 mOhm, 330 A logic level Application Specific MOSFET in LFPAK88
28 February 2022
PSMN1R5-50YLH NEXPERIA-PSMN1R5-50YLH Datasheet
300Kb / 12P
N-channel 50 V, 1.7 mOhm, 200 A continuous, logic level Application Specific MOSFET in LFPAK56E
26 January 2022
PSMN2R6-80YSF NEXPERIA-PSMN2R6-80YSF Datasheet
234Kb / 9P
NextPower 80 V, 2.7 mOhm, 218 A, N-channel MOSFET in LFPAK56E package
27 April 2023
PSMN3R9-100YSF NEXPERIA-PSMN3R9-100YSF Datasheet
310Kb / 13P
NextPower 100 V, 4.3 mOhm, 120 A, N-channel MOSFET in LFPAK56E package
11 June 2021
PSMNR90-50SLH NEXPERIA-PSMNR90-50SLH Datasheet
318Kb / 12P
N-channel 50 V, 0.90 mOhm, 410 A logic level Application Specific MOSFET in LFPAK88
15 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com