Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD168111 Datasheet (PDF) - Renesas Technology Corp

UPD168111 Datasheet PDF - Renesas Technology Corp
Part # UPD168111
Download  UPD168111 Download
File Size   410.63 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168111 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168111 Datasheet PDF - Renesas Technology Corp

Part # UPD168111
Download  UPD168111 Click to download

File Size   410.63 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD168111 Datasheet (HTML) - Renesas Technology Corp


UPD168111 Product details

FEATURES
Two H bridge circuits employing power MOSFET
Current feedback 64-step microstep driving and two-phase excitation driving selectable
Motor control by serial data (6 words of 16-bit configuration)
Data is input with the LSB first.
Pulse cycle, number of pulses, and output current value can be set.
Input logic frequency: 6 MHz MAX.
3 V power supply
Minimum operating power supply voltage VDD = 2.7 V
Undervoltage lockout circuit
Shuts down internal circuitry at VDD = 1.7 V TYP.
24-pin TSSOP




Similar Part No. - UPD168111

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Renesas Technology Corp
UPD168111A RENESAS-UPD168111A Datasheet
471Kb / 41P
MOS INTEGRATED CIRCUIT
2003
logo
NEC
UPD168111AMA-6A5-A NEC-UPD168111AMA-6A5-A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Renesas Technology Corp
UPD168111AMA-6A5-A RENESAS-UPD168111AMA-6A5-A Datasheet
471Kb / 41P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168111

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com