Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9270CTB1 Datasheet (PDF) - Micro Analog systems

MAS9270CTB1 Datasheet PDF - Micro Analog systems
Part # MAS9270CTB1
Download  MAS9270CTB1 Download
File Size   129.82 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 10.00 - 30.00 MHz VCTCXO

MAS9270CTB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9270CTB1 Datasheet PDF - Micro Analog systems

Part # MAS9270CTB1
Download  MAS9270CTB1 Click to download

File Size   129.82 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 10.00 - 30.00 MHz VCTCXO

MAS9270CTB1 Datasheet (HTML) - Micro Analog systems


MAS9270CTB1 Product details

DESCRIPTION
The MAS9270 is an integrated circuit well suited to build VCTCXO for mobile communication. Temperature calibration is achieved in three calibration temperatures only. The trimming is done through a serial bus and the calibration information is stored in an internal PROM. This means no rework for trimming is needed. To build a VCTCXO additionally only crystal is required. The compensation method is fully analog, working continuously without generating any steps or other interference.

FEATURES
• Very small size
• Minor current draw
• Wide operating temperature range
• Phase noise <-120 dBc/Hz at 100Hz offset
• Programmable VC-sensitivity
• Minimum Operating Temperature –40 °C for MAS9270Cxx3

APPLICATIONS
• VCTCXO for mobile phones
• VCTCXO for other telecommunications systems




Similar Part No. - MAS9270CTB1

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9271A1TG00 MAS-MAS9271A1TG00 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1SM06 MAS-MAS9275A1SM06 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS9275A1TG00 MAS-MAS9275A1TG00 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
More results


Similar Description - MAS9270CTB1

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9283 MAS-MAS9283 Datasheet
199Kb / 14P
IC FOR 10.00 - 56.00 MHz VCXO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com