Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283 Datasheet (PDF) - Micro Analog systems

MAS9283 Datasheet PDF - Micro Analog systems
Part # MAS9283
Download  MAS9283 Download
File Size   199.01 Kbytes
Page   14 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 10.00 - 56.00 MHz VCXO

MAS9283 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9283 Datasheet PDF - Micro Analog systems

Part # MAS9283
Download  MAS9283 Click to download

File Size   199.01 Kbytes
Page   14 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description IC FOR 10.00 - 56.00 MHz VCXO

MAS9283 Datasheet (HTML) - Micro Analog systems


MAS9283 Product details

DESCRIPTION
MAS9283 is an integrated circuit well suited to build a VCXO for telecommunication and other applications. To build a VCXO only one additional component, a crystal, is needed.

FEATURES
• Very small size
• Minimal current consumption
• Wide operating temperature range
• Phase noise < -130 dBc/Hz at 1 kHz offset
• CMOS (Square wave) output

APPLICATIONS
• VCXO for telecommunications systems
• VCXO for set-top boxes
• VCXO for MPEG




Similar Part No. - MAS9283

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9280 MAS-MAS9280 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1SM06 MAS-MAS9280A1SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A1TG00 MAS-MAS9280A1TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A2TG00 MAS-MAS9280A2TG00 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
MAS9280A3SM06 MAS-MAS9280A3SM06 Datasheet
137Kb / 8P
IC FOR 18.00 - 40.00 MHz VCTCXO
More results


Similar Description - MAS9283

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9275 MAS-MAS9275 Datasheet
223Kb / 10P
IC FOR 10.00 - 36.00 MHz VCXO
MAS1178 MAS-MAS1178 Datasheet
57Kb / 5P
IC FOR 10.00 - 20.00 MHz VCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9278 MAS-MAS9278 Datasheet
68Kb / 5P
IC for 10.00 - 30.00 MHz VCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9278 MAS-MAS9278_10 Datasheet
58Kb / 5P
IC for 10.00 ??30.00 MHz VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com