Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9283
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9283 Datasheet HTML 4Page - Micro Analog systems MAS9283 Datasheet HTML 5Page - Micro Analog systems MAS9283 Datasheet HTML 6Page - Micro Analog systems MAS9283 Datasheet HTML 7Page - Micro Analog systems MAS9283 Datasheet HTML 8Page - Micro Analog systems MAS9283 Datasheet HTML 9Page - Micro Analog systems MAS9283 Datasheet HTML 10Page - Micro Analog systems MAS9283 Datasheet HTML 11Page - Micro Analog systems MAS9283 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DA9283.006
13 July 2006
8 (14)
A2
b
e
D
b1
A
A
Gage plane
Q
P
Section A - A
E1 E
A
A1
(b)
c
c1
R
R1
L
F
G
M
N
Land
Pattern
Recommendation
PACKAGE (MSOP-8) OUTLINE
Symbol
Min
Nom
Max
Unit
A
1.10
mm
A1
0
0.15
mm
A2
0.75
0.85
0.95
mm
b
0.22
0.38
mm
b1
0.22
0.30
0.33
mm
c
0.08
0.23
mm
c1
0.08
0.18
mm
D
3.00 BSC
mm
E
4.90 BSC
mm
E1
3.00 BSC
mm
e
0.65 BSC
mm
F
4.8
mm
G
0.65
mm
L
(Terminal length for
soldering)
0.40
0.60
0.80
mm
M
0.41
mm
N
1.02
mm
P
0°
8°
Q
0.25 BSC
mm
R
0.07
mm
R1
0.07
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.
All measurement according to JEDEC standard MO-187.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com