Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9283
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9283 Datasheet HTML 1Page - Micro Analog systems MAS9283 Datasheet HTML 2Page - Micro Analog systems MAS9283 Datasheet HTML 3Page - Micro Analog systems MAS9283 Datasheet HTML 4Page - Micro Analog systems MAS9283 Datasheet HTML 5Page - Micro Analog systems MAS9283 Datasheet HTML 6Page - Micro Analog systems MAS9283 Datasheet HTML 7Page - Micro Analog systems MAS9283 Datasheet HTML 8Page - Micro Analog systems MAS9283 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DA9283.006
13 July 2006
5 (14)
VOLTAGE CONTROL SENSITIVITY
MAS9283AA, MAS9283AG and MAS9283AN Voltage control sensitivity graphs have been measured by using
26.996220MHz crystal (CL 14.6pF, C1 17.0fF, C0 3.9pF). For offset see note 1 page 4.
MAS9283AA, AG, AN VC-sensitivity with 27MHz output.
-210
-190
-170
-150
-130
-110
-90
-70
-50
-30
-10
10
30
50
70
90
110
130
150
170
190
210
230
250
270
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
VC-voltage (V)
MAS9283AA
MAS9283AG
MAS9283AN
Figure 3. Control voltage sensitivity of MAS9283.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com