Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS9283
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS9283 Datasheet HTML 6Page - Micro Analog systems MAS9283 Datasheet HTML 7Page - Micro Analog systems MAS9283 Datasheet HTML 8Page - Micro Analog systems MAS9283 Datasheet HTML 9Page - Micro Analog systems MAS9283 Datasheet HTML 10Page - Micro Analog systems MAS9283 Datasheet HTML 11Page - Micro Analog systems MAS9283 Datasheet HTML 12Page - Micro Analog systems MAS9283 Datasheet HTML 13Page - Micro Analog systems MAS9283 Datasheet HTML 14Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DA9283.006
13 July 2006
11 (14)
A
Section A-A
W
AO
T
BO
KO
DO
D1
PO
P1
P2
F
E
User Direction of Feed
Pin 1 Designator
EMBOSSED TAPE SPECIFICATIONS (MSOP-8)
Dimension
Min/Max
Unit
Ao
5.00
±
0.10
mm
Bo
3.20
±
0.10
mm
Do
1.50 +0.1/-0.0
mm
D1
1.50 min
mm
E
1.75
mm
F
5.50
±
0.05
mm
Ko
1.45
±
0.10
mm
Po
4.0
mm
P1
8.0
±
0.10
mm
P2
2.0
±
0.05
mm
T
0.3
±
0.05
mm
W
12.00 +0.30/-0.10
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com