Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS9283
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS9283 Datasheet HTML 6Page - Micro Analog systems MAS9283 Datasheet HTML 7Page - Micro Analog systems MAS9283 Datasheet HTML 8Page - Micro Analog systems MAS9283 Datasheet HTML 9Page - Micro Analog systems MAS9283 Datasheet HTML 10Page - Micro Analog systems MAS9283 Datasheet HTML 11Page - Micro Analog systems MAS9283 Datasheet HTML 12Page - Micro Analog systems MAS9283 Datasheet HTML 13Page - Micro Analog systems MAS9283 Datasheet HTML 14Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DA9283.006
13 July 2006
13 (14)
ORDERING INFORMATION
Product Code
Recommended
Supply Voltage
Output
Frequency
Pulling range
0 V < VC < 3.3 V
Package
MAS9283AATG00
IC FOR 3.3 V VCXO
fo
> 250 ppm
EWS tested wafers
215 µm
MAS9283AASM06
IC FOR 3.3 V VCXO
fo
> 250 ppm
MSOP-8, T&R/5000
pcs/r.
MAS9283AASN06
IC FOR 3.3 V VCXO
fo
> 250 ppm
MSOP-8, T&R/5000
pcs/r. Pb free RoHS
MAS9283ABTG00
IC FOR 3.3 V VCXO
fo/2
> 250 ppm
EWS tested wafers
215 µm
MAS9283ACTG00
IC FOR 3.3 V VCXO
fo/4
> 250 ppm
EWS tested wafers
215 µm
MAS9283ADTG00
IC FOR 3.3 V VCXO
fo/8
> 250 ppm
EWS tested wafers
215 µm
MAS9283AETG00
IC FOR 3.3 V VCXO
fo/16
> 250 ppm
EWS tested wafers
215 µm
MAS9283AGTG00
IC FOR 3.3 / 5.0 V
VCXO
fo
> 200 ppm
EWS tested wafers
215 µm
MAS9283AGSM06
IC FOR 3.3 / 5.0 V
VCXO
fo
> 200 ppm
MSOP-8, T&R/5000
pcs/r.
MAS9283AGSN06
IC FOR 3.3 / 5.0 V
VCXO
fo
> 200 ppm
MSOP-8, T&R/5000
pcs/r. Pb free RoHS
MAS9283AHTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/2
> 200 ppm
EWS tested wafers
215 µm
MAS9283AJTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/4
> 200 ppm
EWS tested wafers
215 µm
MAS9283AKTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/8
> 200 ppm
EWS tested wafers
215 µm
MAS9283ALTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/16
> 200 ppm
EWS tested wafers
215 µm
MAS9283ANTG00
IC FOR 3.3 V VCXO
fo
> 300 ppm
EWS tested wafers
215 µm
MAS9283ANSN06
IC FOR 3.3 V VCXO
fo
> 300 ppm
MSOP-8, T&R/5000
pcs/r. Pb free, RoHS
MAS9283APTG00
IC FOR 3.3 V VCXO
fo/2
> 300 ppm
EWS tested wafers
215 µm
MAS9283AQTG00
IC FOR 3.3 V VCXO
fo/4
> 300 ppm
EWS tested wafers
215 µm
MAS9283ARTG00
IC FOR 3.3 V VCXO
fo/8
> 300 ppm
EWS tested wafers
215 µm
MAS9283ATTG00
IC FOR 3.3 / 5.0 V
VCXO
fo
> 165 ppm
EWS tested wafers
215 µm
MAS9283AUTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/2
> 165 ppm
EWS tested wafers
215 µm
MAS9283AVTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/4
> 165 ppm
EWS tested wafers
215 µm
MAS9283AWTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/8
> 165 ppm
EWS tested wafers
215 µm
MAS9283AXTG00
IC FOR 3.3 / 5.0 V
VCXO
fo/16
> 165 ppm
EWS tested wafers
215 µm
Contact Micro Analog Systems Oy for other wafer thickness, Power Down logic options and versions in MSOP8
and TSSOP8 packages.
Note 1:
Typical Vc Sensitivity values with a 30 ppm/pF crystal.
Note 2:
In Recommended Supply Voltage column voltage version is maximum optimized Voltage Control (VC)
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com