Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2A Datasheet (PDF) - SMC Diode Solutions Co. LTD

ES2A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # ES2A
Download  ES2A Download
File Size   343.16 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ES2A-ES2J SURFACE MOUNT SUPER FAST RECTIFIER

ES2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # ES2A
Download  ES2A Click to download

File Size   343.16 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description ES2A-ES2J SURFACE MOUNT SUPER FAST RECTIFIER

ES2A Datasheet (HTML) - SMC Diode Solutions Co. LTD


ES2A Product details

Features
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Overload Drop, High Efficiency
Low Power Loss
Super-Fast Recovery Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
RFE international
ES2A RFE-ES2A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
08-12-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com