Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB6.8G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RSB6.8G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RSB6.8G
Download  RSB6.8G Download
File Size   1370.25 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

RSB6.8G Datasheet (PDF)

Go To PDF Page Download Datasheet
RSB6.8G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RSB6.8G
Download  RSB6.8G Click to download

File Size   1370.25 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

RSB6.8G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RSB6.8G Product details

Features
Ultra low capacitance: 15pF typical
Ultra low leakage: nA level
Low operating voltage: +5v
Low clamping voltage
2-pin leadless package
Complies with following standards:
—1EC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: £30kV
—IEC61000-4-5 (Lightning)8A (8/20us)
RoHS Compliant
Lead Finish: NiPdAu




Similar Part No. - RSB6.8G

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
136Kb / 3P
ESD Protection diode
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
508Kb / 6P
LOW CAPACITANCE TVS ARRAY
RSB6.8G-LF-T13 PROTEC-RSB6.8G-LF-T13 Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
More results


Similar Description - RSB6.8G

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com