Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB6.8G Datasheet (PDF) - Protek Devices

RSB6.8G Datasheet PDF - Protek Devices
Part # RSB6.8G
Download  RSB6.8G Download
File Size   59.26 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

RSB6.8G Datasheet (PDF)

Go To PDF Page Download Datasheet
RSB6.8G Datasheet PDF - Protek Devices

Part # RSB6.8G
Download  RSB6.8G Click to download

File Size   59.26 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

RSB6.8G Datasheet (HTML) - Protek Devices


RSB6.8G Product details

DESCRIPTION
The RSB6.8G is a noise suppression, low capacitance transient voltage suppressor array, designed to protect applica tons such as portable electronics and SMART phones. This device is available in a bidirectonal confguraton and is rated at 10 Wats for an 10/1000µs waveshape.
The RSB6.8G meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operatng frequencies or faster edge rates, inserton loss and signal integrity are a major concern. This device offers a ultra low capacitance and low leakage current in a miniature SOD-323 package.

FEATuRES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• 10 Wats Peak Pulse Power per Line (tp = 10/1000µs)
• Replacement for MLV (0805)
• Bidirectonal Confguraton
• Protects One Data Line
• Low Clamping Voltage
• Low Capacitance
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Noise Suppression for Data Lines
• SMART Phones
• Digital Cameras
• Laptop Computers




Similar Part No. - RSB6.8G

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
RSB6.8G ROHM-RSB6.8G Datasheet
136Kb / 3P
ESD Protection diode
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
508Kb / 6P
LOW CAPACITANCE TVS ARRAY
logo
TECH PUBLIC Electronics...
RSB6.8G TECHPUBLIC-RSB6.8G Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
logo
Rohm
RSB6.8GFH ROHM-RSB6.8GFH Datasheet
794Kb / 6P
ESD Protection diode
More results


Similar Description - RSB6.8G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
Low Capacitance TVS Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com